PART |
Description |
Maker |
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
ALD500 ALD500A ALD500APC ALD500ASC ALD500ASWC ALD5 |
PRECISION INTEGRATING ANALOG PROCESSOR (17 bit) PRECISION INTEGRATING ANALOG PROCESSOR (18 bit) SPECIALTY ANALOG CIRCUIT, PDIP16 PRECISION INTEGRATING ANALOG PROCESSOR (16 bit)
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
S-10 S-10KN |
18 Bit System Integrating A/D Processor w/ Voltage Reference 10ppm, 20L PDIP, EPAD Enabled 17 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled, Industrial Temp 10.80.8mm Max.(L】W), 13.0mm Max. Height. (S-10K) 10.80.8毫米最大。(长】宽),十三点○毫米最大。高度(第S - 1万)
|
SUMIDA CORPORATION. Sumida, Corp.
|
MB814100D-60 MB814100D-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1位速页面存取模式动态RAM) CMOS 4 M ?1 BIT Fast Page Mode DRAM(CMOS 4 M ?1浣??椤甸?瀛??妯″??ㄦ?RAM)
|
Fujitsu Limited
|
MB8116160A-70 |
CMOS 1 M ×16 BIT
Fast Page Mode DRAM(CMOS 1 M ×16 位快速页面存取模式动态RAM) CMOS 1 M ?16 BIT Fast Page Mode DRAM(CMOS 1 M ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited
|
LC898124EP3XC-MH |
Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
|
ON Semiconductor
|
PDPD431636L |
1M-Bit CMOS Synchronous Fast Static RAM(1M CMOS 同步快速静态RAM) 100万位CMOS同步快速静态RAM100万的CMOS同步快速静态内存)
|
NEC, Corp.
|
MB814260-70 MB814260-60 |
CMOS 256K ×16 BIT
FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) CMOS 256K ×16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) 的CMOS 256K × 16位快速页面模式的动态随机存储器(的CMOS 256K × 16位快速页面存取模式动态内存) CMOS 256K ?16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
BL-B4534C |
16 Bit System Integrating A/D Processor w/ Voltage Reference 50ppm, 20L SOIC, EPAD Enabled
|
Bright LED Electronics Corp.
|
BL-B3134C |
17 Bit System Integrating A/D Processor w/ Voltage Reference 20ppm, 20L PDIP, EPAD Enabled
|
Bright LED Electronics Corp.
|